PART |
Description |
Maker |
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
1-350346-0 |
.240, .295" Centerline, 250 v, 28 A max. (.140" MATE-N-LOK); 03P .140 MNL PLUG P/M NAT ( AMP )
|
Tyco Electronics
|
SF0140BA03069S |
140 MHz SAW Filter 7 MHz Bandwidth From old datasheet system 140 MHz Low Loss SAW Filters
|
Integrated Circuit Systems ICS
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
PTFC261402FC |
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ?2690 MHz
|
Cree, Inc
|
C1206C225K3NACTU |
Ceramic, 150C-(CxxxxC), 2.2 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
NV23107 NV2312CSDC10VN NV2312CSDC10VS NV2312ASDC10 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc
|
NV2RZDC12V0.64 NV2RZDC12V0.93 NV2R NV2RSDC12V0.93 |
Withstands high temperature, operating under 105 ambient temperature
|
DB Lectro Inc.
|
HM1-65789F-5 HM1-65789H-5 HM1-65789K-5 HM1-65789K- |
HID head lamp valve socket; HRS No: 765-0023-9 00; Operating Temperature Range (degrees C): -55 to 140; Generic Name: HID Lamp; General Description: Accessory; Shield clamp ECU interface connectors; HRS No: 757-0016-9 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer ECU interface connectors; HRS No: 757-0011-5 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer JIS C 5432 standard connectors, Small and lightweight interface; HRS No: 114-0053-8 71; Shell Size (dia): 13; Operating Temperature Range (degrees C): -25 to 85; General Description: Accessory; Receptacle cap; Screw lock x4 SRAM x4的SRAM
|
Electronic Theatre Controls, Inc.
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
SF0140CF51919T |
140 MHz Filter 9 MHz Bandwidth High Selectivity SAW Filters
|
Integrated Circuit Systems ICS
|